Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPC120KF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJPC120KF
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC120KF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJPC120KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC120KF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4±0.2
2.5
+0.3
Marking
–0.2
3.5 to 4.0
1.4 to 1.5
1
10
100
10
1
100
1000
10000
Idc (mA)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
LC Type 2520 (1008)
Standard Packing Quantity
● 2000 pcs./Reel
Part No.
Inductance
DC Resistance
(
Ω)
Rated
Current ✽1
(mA) max.
Saturation
Rated Current ✽2
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
ELJLC2R2MF
2.2
M : ±20 %
1
0.33 ±30 %
520
1050
ELJLC3R3MF
3.3
0.57 ±30 %
400
820
ELJLC4R7MF
4.7
0.75 ±30 %
350
700
ELJLC100KF
10
K : ±10 %
1.60 ±30 %
240
470
Standard Parts
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
Performance Characteristics (Reference)
Inductance vs DC Current
Sep. 2012
03
5
Discontinued
:Wirewound Chip Inductor. ELJLC


Similar Part No. - ELJPC120KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC120KF PANASONIC-ELJPC120KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPC120KF PANASONIC-ELJPC120KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPC120KF PANASONIC-ELJPC120KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC120KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com