Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPE3N9KFA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPE3N9KFA
Description  Fixed Inductors (Chip Inductors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPE3N9KFA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPE3N9KFA Datasheet HTML 1Page - Panasonic Semiconductor ELJPE3N9KFA Datasheet HTML 2Page - Panasonic Semiconductor ELJPE3N9KFA Datasheet HTML 3Page - Panasonic Semiconductor ELJPE3N9KFA Datasheet HTML 4Page - Panasonic Semiconductor ELJPE3N9KFA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
2
3
4
5
6
7
8
9
10
F
11
PF
PE
1005 (0402)
1608 (0603)
2.2 nH
10 nH
2N2
10N
±0.3 nH
±5 %
±10 %
D
J
K
Taping
Chip Inductors
Product code
Shape
Size : mm (inch)
Inductance
Inductance tolerance
Packaging Design No.
Chip Inductors
High Power Type
Type:
ELJPF
ELJPE
Features
● Low DCR and large current capability, suitable for power circuitry.
● High frequency capability due to its non magnetic core.
● Capable of being Re-flow or flow soldered.
● Unique Ceramic Core / Laser-cut Technology.
● Non polarity product.
● Good for mounting.
● RoHS compliant
Recommended Applications
● Wireless communication equipment and various types of general electronic equipment.
Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Nov. 2013
04
12


Similar Part No. - ELJPE3N9KFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPE3N9KFA PANASONIC-ELJPE3N9KFA Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPE3N9KFA PANASONIC-ELJPE3N9KFA Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPE3N9KFA PANASONIC-ELJPE3N9KFA Datasheet
138Kb / 5P
   Chip Inductors High Power Type
More results

Similar Description - ELJPE3N9KFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com