Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPA120KF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJPA120KF
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPA120KF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJPA120KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 7Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 8Page - Panasonic Semiconductor ELJPA120KF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
4.5±0.3
Marking
5.5 to 6.0
2.4 to 2.6
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPB100KF
10
K : ±10 %
2.52
10
2.52
19
0.65
360
ELJPB120KF
12
17
0.70
340
ELJPB150KF
15
15
0.80
320
ELJPB180KF
18
14
0.90
310
ELJPB220KF
22
13
1.0
300
ELJPB270KF
27
11
1.2
270
ELJPB330KF
33
10
1.4
250
ELJPB390KF
39
9.5
1.6
230
ELJPB470KF
47
8.5
1.9
210
ELJPB560KF
56
8
2.2
190
ELJPB680KF
68
7
2.6
170
ELJPB820KF
82
6.5
3.5
160
ELJPB101KF
100
0.796
20
0.796
6
4.0
150
ELJPB121KF
120
5.5
4.5
130
ELJPB151KF
150
5
6.5
120
ELJPB181KF
180
4.5
7.5
110
ELJPB221KF
220
4
9.0
90
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PB Type 4532 (1812)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
● 500 pcs./Reel
Standard Parts
Sep. 2012
03
4
Discontinued
:Wirewound Chip Inductor. ELJPB


Similar Part No. - ELJPA120KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA120KF PANASONIC-ELJPA120KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPA120KF PANASONIC-ELJPA120KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPA120KF PANASONIC-ELJPA120KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPA120KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com