Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPB180KF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPB180KF
Description  Low DCR and large current capability, suitable for power circuitry.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPB180KF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPB180KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 7Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 8Page - Panasonic Semiconductor ELJPB180KF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
2
3
4
5
6
7
8
9
10
F
11
PF
PE
PC
LC
PA
LA
PB
1005 (0402)
1608 (0603)
2520 (1008)
2520 (1008)
3225 (1210)
3225 (1210)
4532 (1812)
1.5 nH
10 nH
220 nH
3.3 μH
47 μH
560 μH
1N5
10N
R22
3R3
470
561
±0.3 nH
±5 %
±10 %
±20 %
D
J
K
M
Taping
Chip Inductors
Product code
Shape
Size : mm (inch)
Inductance
Inductance tolerance
Packaging Design No.
4. High Power Type PF, PE, PC, PA, PB, LC, LA
Features
● Low DCR and large current capability, suitable for power circuitry.
● Wire wound, resin molded chip inductor. (PC, PA, PB, LC, LA type)
● Unique Ceramic Core/Laser-cut technology (PF, PE type)
● Capable of being Re-flow or flow soldered.
● Wide line-up from 1005 to 4532 case sizes.
● Good for mounting.
● RoHS compliant
Recommended Applications
● AV equipment, Wireless communication equipment and various types of general electronic equipment.
Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C (PF, PE)
–20 to +85 °C (PC, PA, PB, LC, LA)
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Sep. 2012
03
1
Discontinued
:Wirewound Chip Inductor. ELJPC, ELJPA, ELJPB, ELJLC, ELJLA


Similar Part No. - ELJPB180KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPB180KF PANASONIC-ELJPB180KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPB180KF PANASONIC-ELJPB180KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPB180KF PANASONIC-ELJPB180KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPB180KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
   Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
   Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
   Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
   Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
   Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com