Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC32 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC32
Description  Quad 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC32 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC32 Datasheet HTML 1Page - NXP Semiconductors 74HC32 Datasheet HTML 2Page - NXP Semiconductors 74HC32 Datasheet HTML 3Page - NXP Semiconductors 74HC32 Datasheet HTML 4Page - NXP Semiconductors 74HC32 Datasheet HTML 5Page - NXP Semiconductors 74HC32 Datasheet HTML 6Page - NXP Semiconductors 74HC32 Datasheet HTML 7Page - NXP Semiconductors 74HC32 Datasheet HTML 8Page - NXP Semiconductors 74HC32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74HC_HCT32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 4 September 2012
3 of 17
NXP Semiconductors
74HC32; 74HCT32
Quad 2-input OR gate
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as a
supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
32
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aad101
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aad102
32
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
4B
1B
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10,13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
Table 3.
Function table[1]
Input
Output
nA
nB
nY
LLL
LH
H
HL
H
HHH


Similar Part No. - 74HC32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC32 PHILIPS-74HC32 Datasheet
35Kb / 6P
   Quad 2-input OR gate
December 1990
logo
List of Unclassifed Man...
74HC32 ETC1-74HC32 Datasheet
131Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC32 NXP-74HC32 Datasheet
138Kb / 17P
   Quad 2-input OR gate
Rev. 5-4 September 2012
logo
Diodes Incorporated
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
More results

Similar Description - 74HC32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com