Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT32D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT32D
Description  Quad 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT32D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT32D Datasheet HTML 2Page - NXP Semiconductors 74HCT32D Datasheet HTML 3Page - NXP Semiconductors 74HCT32D Datasheet HTML 4Page - NXP Semiconductors 74HCT32D Datasheet HTML 5Page - NXP Semiconductors 74HCT32D Datasheet HTML 6Page - NXP Semiconductors 74HCT32D Datasheet HTML 7Page - NXP Semiconductors 74HCT32D Datasheet HTML 8Page - NXP Semiconductors 74HCT32D Datasheet HTML 9Page - NXP Semiconductors 74HCT32D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74HC_HCT32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 4 September 2012
6 of 17
NXP Semiconductors
74HC32; 74HCT32
Quad 2-input OR gate
10. Dynamic characteristics
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =5.5 V
--
2.0
-
20
-
40
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.1 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
430
-
540
-
590
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC32
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 2.0 V
-
22
90
115
135
ns
VCC = 4.5 V
-
8
18
23
27
ns
VCC = 5.0 V; CL =15pF
-
6
-
-
-
ns
VCC = 6.0 V
-
6
15
20
23
ns
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI =GND to VCC
[3]
-16-
-
-
pF


Similar Part No. - 74HCT32D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT32D PHILIPS-74HCT32D Datasheet
35Kb / 6P
   Quad 2-input OR gate
December 1990
74HCT32D PHILIPS-74HCT32D Datasheet
138Kb / 17P
   Quad 2-input OR gate Rev.
Rev. 5-4 September 2012
74HCT32D NXP-74HCT32D Datasheet
138Kb / 17P
   Quad 2-input OR gate
Rev. 5-4 September 2012
logo
Nexperia B.V. All right...
74HCT32D NEXPERIA-74HCT32D Datasheet
239Kb / 12P
   Quad 2-input OR gate
Rev. 8 - 30 July 2021
logo
NXP Semiconductors
74HCT32D,652 NXP-74HCT32D,652 Datasheet
138Kb / 17P
   74HC32; 74HCT32 Quad 2-input OR gate
Rev. 5-4 September 2012
More results

Similar Description - 74HCT32D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com