Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXMHD103UMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FXMHD103UMX
Description  FXMHD103 HDMI Voltage Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXMHD103UMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FXMHD103UMX Datasheet HTML 2Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 3Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 4Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 5Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 6Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 7Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 8Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 9Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMHD103 • Rev. 1.0.2
6
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-
layer 2s2p boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction
temperature TJ (maximum) at a given ambient temperature.
Symbol Parameter
Typ.
Unit
ΘJA
Junction-to-Ambient Thermal Resistance
320
°C/W
DC Electrical Characteristics (ICC)
Unless otherwise specified, TA=-40 to 85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ICCPD1
Power Down 1
VCCA=0V, or VCCC=0V, All Other Pins=Don’t Care
1
μA
ICCPD2
Power Down 2
OE=LOW, VCCA and VCCC Valid, All Other
Pins=Don’t Care
1
µA
ICCHPD
Active HPD Only
OE=HIGH, VCCA and VCCC Valid, SCL_H,
SDA_H and CEC_H=HIGH, HPD_C=0V
1.5
µA
ICCA
Active HDMI Link
VCCA and VCCC Valid, SCL_H, SDA_H and
CEC_H=HIGH, HPD_C=VCCC, OE=HIGH
5
µA
ICCC
VCCA and VCCC Valid, SCL_H, SDA_H and
CEC_H=HIGH, HPD_C=VCCC, OE=HIGH
5
µA
Back Drive Current
Unless otherwise specified, TA=-40 to 85°C.
Symbol
Parameter
Condition
VCCA
VCCC
Typ.
Max.
Unit
IbackCEC
Current Through CEC_C
CEC_C=0V - 5V
0V
0V
0.1
1.8
µA
IbackDDC
Current Through SDA_C
and SCL_C
SDA_C and SCL_C=0V – 5V
0V
0V
0.1
5.0
µA
IbackVCCC Current Through VCCC
VCCC=0V – 5V
0V
NA
0.1
5.0
µA
IbackHPD
Current Through HPD_C
HPD_C=0V – 5V
0V
0V
0.1
5.0
µA


Similar Part No. - FXMHD103UMX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FXM ILLINOISCAPACITOR-FXM Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
logo
Fairchild Semiconductor
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXM2IC102L8X FAIRCHILD-FXM2IC102L8X Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108 ONSEMI-FXMA108 Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
More results

Similar Description - FXMHD103UMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Intersil Corporation
IH6201 INTERSIL-IH6201 Datasheet
54Kb / 4P
   Dual CMOS Driver/Voltage Translator
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com