Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXMHD103UMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FXMHD103UMX
Description  FXMHD103 HDMI Voltage Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXMHD103UMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FXMHD103UMX Datasheet HTML 1Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 2Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 3Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 4Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 5Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 6Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 7Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 8Page - Fairchild Semiconductor FXMHD103UMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMHD103 • Rev. 1.0.2
FXMHD103 — HDMI Voltage Translator
Features
CEC, DDC, and HPD Level Shifting without a
Direction Pin
Host Port Voltage Supply (VCCA): 1.6V – 3.6V
HDMI Port Voltage Supply (VCCC): 4.8V – 5.3V
Long HDMI Cable Support with Integrated DDC
(I
2C) Edge Rate Accelerators
Supports DDC (I2C) Clock Stretching
Pin Out Tailored for PCB Trace Routing to HDMI
Type D Connectors
Back Drive Protection
Non-Preferential Power-Up/Down Sequencing
between VCCA and VCCC
Operating Temperature Range: -40°C to 85°C
ESD Protection:
- 8kV HBM (per JESD22-A114)
- 2kV CDM (per JESD22-C101)
Applications
Smart Phones
Multimedia Phones
Digital Camcorders
Digital Still Cameras
Portable Game Consoles
Notebooks
MP3 Players
PC and Consumer Electronics
Description
The FXMHD103 is a reduced-pin-count, low-power,
High-Definition Multimedia Interface (HDMI), voltage
translator for the Data Display Channel (DDC),
Consumer Electronic Control (CEC), and Hot Plug
Detect (HPD) control lines.
There are three non-inverting bi-directional voltage
translation circuits for the DDC serial data (SDA)/clock
(SCL) lines and CEC lines. Each line has a common
power rail (VCCA) on the host side from 1.6V to 3.6V. On
the HDMI connector side, the SCL_C and SDA_C pins
each have an internal 1.75KΩ pull-up connected to the
HDMI 5V rail, VCCC. The SCL and SDA pins exceed the
HDMI specification for driving up to 800pF loads. The
CEC_C pin has an internal 27K
Ω pull-up to an internal
3.3V supply (VREG).
The HPD_C path is uni-directional. The direction is from
the HDMI connector port to the host port. HPD_H
references VCCA, and HPD_C references VCCC. HPD_C
offers hysteresis to avoid false detection due to
bouncing while inserting the HDMI plug.
The FXMHD103 device can be powered down if the OE
pin is LOW. If OE is HIGH, the HPD path is enabled. If
an HDMI sink asserts the HPD_C pin HIGH, the DDC
and CEC paths are enabled. OE references VCCA.
Back drive protection is provided on pins facing the
HDMI connector.
Ordering Information
Part Number
Top Mark
Operating
Temperature Range
Package
Packing
Method
FXMHD103UMX
BZ
-40
°C to 85°C
12-Terminal, Quad µMLP,
1.8mm x 1.8mm Package
5000 Units on
Tape and Reel


Similar Part No. - FXMHD103UMX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FXM ILLINOISCAPACITOR-FXM Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
logo
Fairchild Semiconductor
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXM2IC102L8X FAIRCHILD-FXM2IC102L8X Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108 ONSEMI-FXMA108 Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
More results

Similar Description - FXMHD103UMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Intersil Corporation
IH6201 INTERSIL-IH6201 Datasheet
54Kb / 4P
   Dual CMOS Driver/Voltage Translator
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com