Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-36-0 Datasheet(PDF) 1 Page - Pomona Electronics

Part # P-36-0
Description  Model P Stacking Pin Tip Plug, Each End
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

P-36-0 Datasheet(HTML) 1 Page - Pomona Electronics

  P-36-0 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/21/02 SY/EH/LS
PomonaACCESS 90537 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d_P_1083_1_02.doc
Page 1 of 1
Model P
Stacking Pin Tip Plug,
Each End
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Stackable pin tip plugs.
• Mates to Model #3542, 4773 or any other standard .08 inch pin jack.
• Ideal for use as jumper wires on chassis boxes.
MATERIALS:
Conn: Pin Tip Plug
Material: Pin Tip Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Stack-Up Spring – Beryllium Copper per QQ-C-533, Alloy C172, Cond. HT.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per QQ-N-290, Class I,
100/200 microinches.
Insulation: Polypropylene molded to pin tip body and wire.
Color: Matches color of wire.
Marking: “POMONA ELECTRONICS.”
Wire: 20 AWG - stranding 41 x 36, t.c., PVC insulated, 2.21 (.087) O.D.
Color: See Ordering Information.
Marking: “POMONA P-XX.”
RATINGS:
Operating Temperature: +55ºC. (+131ºF.) Max.
Operating Voltage: 3000 WVDC
Current: 5 Amperes Cont.
ORDERING INFORMATION: Model P-XX-*
XX = Cable Lengths, Standard Lengths: 4” (102), 8” (203), 12” (305), 18” (457), 24” (610), 36” (914), 48” (1219)
& 60” (1524). Additional lengths and colors can be quoted upon request.
*= Color, -0 Black, -2 Red
Ordering Example: P-60-2
Indicates 60” in length, Color is Red


Similar Part No. - P-36-0

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P-36-0 3M-P-36-0 Datasheet
27Kb / 1P
   Stacking Pin Tip Plug, Each End
More results

Similar Description - P-36-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
P124- POMONA-P124- Datasheet
27Kb / 1P
   Model P Stacking Pin Tip Plug, Each End
logo
3M Electronics
P-18-0 3M-P-18-0 Datasheet
27Kb / 1P
   Stacking Pin Tip Plug, Each End
logo
Pomona Electronics
2948 POMONA-2948 Datasheet
23Kb / 1P
   Stacking Standard Banana Plug Each End
1440 POMONA-1440 Datasheet
18Kb / 1P
   Horizontal Stacking Banana Plug Each End
2864 POMONA-2864 Datasheet
21Kb / 1P
   Stacking Right Angle Banana Plug Each End
HB-24-2 POMONA-HB-24-2 Datasheet
30Kb / 2P
   Horizontal Stacking Banana Plug Patch Cord, Banana Plug Each End
2484 POMONA-2484 Datasheet
28Kb / 1P
   Stacking Banana Plug Each End On Retractile (Coiled) Cord
5173 POMONA-5173 Datasheet
25Kb / 1P
   Pin Tip Plug
2882 POMONA-2882 Datasheet
22Kb / 1P
   BNC (Male) To Stacking Pin Tip Plugs
logo
List of Unclassifed Man...
BU-P3452 ETC2-BU-P3452 Datasheet
180Kb / 1P
   Shorting Bar Pin Tip Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com