Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR85G02 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FR85G02
Description  Silicon Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FR85G02 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FR85G02 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FR85G02 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FR85G02 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 100 V - 600 V
IF = 85 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
FR85B(R)02
FR85D(R)02
FR85G(R)02
Unit
Repetitive peak reverse
voltage
VRRM
100
200
400
V
RMS reverse voltage
VRMS
70
140
280
V
FR85J(R)02
600
420
FR85B02 thru FR85JR02
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Fast
Recovery Diode
• Types from 100 V to 600 V VRRM
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
100
200
400
V
Continuous forward current
IF
85
85
85
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
FR85B(R)02
FR85D(R)02
FR85G(R)02
Unit
Diode forward voltage
1.3
1.3
1.3
25
25
25
μA
20
20
20
mA
Recovery Time
Maximum reverse recovery
time
TRR
200
200
200
nS
1.3
600
85
1369
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 100 V, Tj = 125 °C
V
25
20
250
A
1369
-55 to 150
-55 to 150
FR85J(R)02
VR = 100 V, Tj = 25 °C
IF = 85 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
1369
1369
TC = 25 °C, tp = 8.3 ms
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
1


Similar Part No. - FR85G02

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
FR85G02 AMERICASEMI-FR85G02 Datasheet
432Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
FR85G02 GENESIC-FR85G02 Datasheet
737Kb / 3P
   Silicon Fast Recovery Diode
FR85G02 GENESIC-FR85G02 Datasheet
776Kb / 3P
   Silicon Fast Recovery Diode
More results

Similar Description - FR85G02

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FR85B05 GENESIC-FR85B05 Datasheet
737Kb / 3P
   Silicon Fast Recovery Diode
FR16K05 GENESIC-FR16K05 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR20A02 GENESIC-FR20A02 Datasheet
690Kb / 3P
   Silicon Fast Recovery Diode
1N3879 GENESIC-1N3879_16 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR6A02 GENESIC-FR6A02_16 Datasheet
768Kb / 3P
   Silicon Fast Recovery Diode
FR6A05 GENESIC-FR6A05_16 Datasheet
823Kb / 3P
   Silicon Fast Recovery Diode
FR30K05 GENESIC-FR30K05_16 Datasheet
682Kb / 3P
   Silicon Fast Recovery Diode
FR40B02 GENESIC-FR40B02_16 Datasheet
683Kb / 3P
   Silicon Fast Recovery Diode
FR85B05 GENESIC-FR85B05_16 Datasheet
751Kb / 3P
   Silicon Fast Recovery Diode
FR40B05 GENESIC-FR40B05_18 Datasheet
775Kb / 3P
   Silicon Fast Recovery Diode
FR12K05 GENESIC-FR12K05 Datasheet
728Kb / 3P
   Silicon Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com