Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA160C)A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SA160C)A
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA160C)A Datasheet(HTML) 2 Page - Diodes Incorporated

  SA160C)A Datasheet HTML 1Page - Diodes Incorporated SA160C)A Datasheet HTML 2Page - Diodes Incorporated SA160C)A Datasheet HTML 3Page - Diodes Incorporated SA160C)A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOT RECOMMENDED FOR NEW DESIGN
SUGGESTED REPLACEMENT P6KE6V8A - P6KE200A
DS21501 Rev. 12 - 3
2 of 4
SA5V0A - SA170A
www.diodes.com
Type Number
(Suffix C =
Bidirectional)
(Note 1)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ It
Test
Current
Max.
Clamping
Voltage
@IPP
Max.
Peak
Pulse Current
Max.
Reverse
Leakage
@VR
(Note 2)
Max. Voltage
Temp.
Variation
of VBR
VR (V)
Min (V)
Max (V)
It (mA)
VC (V)
IPP (A)
IR (mA)
mV/°C
SA5V0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
5.0
SA6V0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
5.0
SA6V5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
5.0
SA7V0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
6.0
SA7V5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
7.0
SA8V0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
7.0
SA8V5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
8.0
SA9V0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5.0
9.0
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
3.0
10
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
3.0
11
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
3.0
12
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
3.0
13
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
3.0
14
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
3.0
16
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
3.0
17
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
3.0
19
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
3.0
20
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
3.0
23
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
3.0
25
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
3.0
28
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
3.0
30
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
3.0
31
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
3.0
36
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
3.0
39
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
3.0
41
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
3.0
46
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
3.0
50
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
3.0
52
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
3.0
56
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
3.0
61
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
3.0
65
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
3.0
70
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
3.0
71
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
3.0
76
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
3.0
85
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
3.0
91
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
3.0
95
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
3.0
103
SA90(C)A
90
100
111.0
1.0
146.0
3.4
3.0
110
SA100(C)A
100
111
123.0
1.0
162.0
3.1
3.0
123
SA110(C)A
110
122
135.0
1.0
177.0
2.8
3.0
133
SA120(C)A
120
133
147.0
1.0
193.0
2.6
3.0
146
SA130(C)A
130
144
159.0
1.0
209.0
2.4
3.0
158
SA150(C)A
150
167
185.0
1.0
243.0
2.1
3.0
184
SA160(C)A
160
178
197.0
1.0
259.0
1.9
3.0
196
SA170(C)A
170
189
209.0
1.0
275.0
1.8
3.0
208
Notes:
1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
Table 1


Similar Part No. - SA160C)A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA160C PANJIT-SA160C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA160C RFE-SA160C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Won-Top Electronics
SA160C WTE-SA160C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SA160C UNSEMI-SA160C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Micro Commercial Compon...
SA160C MCC-SA160C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA160C)A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com