Electronic Components Datasheet Search |
|
B32344E5071A520 Datasheet(PDF) 5 Page - TDK Electronics |
|
B32344E5071A520 Datasheet(HTML) 5 Page - TDK Electronics |
5 / 10 page Film Capacitors – Power Factor Correction B32344E5071A520 PhiCap capacitors MKP525-D-6.3 FILM PFC PM June 2011 Please read Cautions and warnings and Page 5 of 10 Important notes at the end of this document . Mean life expectancy tLD Up to 135 000 hours (temperature class –40/C); HS 70 C Up to 100 000 hours (temperature class –40/D); HS 70 C Max. 5000 switchings per year Terminals Protection degree Isolated terminals, IP20 Max. torque 1.2 Nm Terminal cross section 16 mm 2 Maximum terminal current 50 A Creepage distance (min.) 12.7 mm Clearance (min.) 9.6 mm Safety Mechanical safety Overpressure disconnector Max. short circuit current (AFC: 10 kA) Discharge resistor time ≤ 60 s to 50 V or less Reference standards IEC 60831–1/2, UL 810-5th edition Certification: cUL file 106388; CSA file C22.2 N°190 MC #236094 (up to Ø 85 mm); GOST |
Similar Part No. - B32344E5071A520 |
|
Similar Description - B32344E5071A520 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |