Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32934A3824 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32934A3824
Description  Film Capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32934A3824 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32934A3824 Datasheet HTML 3Page - TDK Electronics B32934A3824 Datasheet HTML 4Page - TDK Electronics B32934A3824 Datasheet HTML 5Page - TDK Electronics B32934A3824 Datasheet HTML 6Page - TDK Electronics B32934A3824 Datasheet HTML 7Page - TDK Electronics B32934A3824 Datasheet HTML 8Page - TDK Electronics B32934A3824 Datasheet HTML 9Page - TDK Electronics B32934A3824 Datasheet HTML 10Page - TDK Electronics B32934A3824 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt and k0 values
Lead spacing (mm)
15
22.5
27.5
37.5
dV/dt (V/
µs)
90
50
35
25
k0 (V2/
µs)
108000
60000
42000
30000
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 7 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32934A3824

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32934A3824 EPCOS-B32934A3824 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32934A3824 EPCOS-B32934A3824 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
B32934A3824 EPCOS-B32934A3824 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32934A3824 EPCOS-B32934A3824 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32934A3824 TDK-B32934A3824 Datasheet
315Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32934A3824

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com