Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD120S Datasheet(PDF) 3 Page - NEC

Part # RD120S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD120S Datasheet(HTML) 3 Page - NEC

  RD120S Datasheet HTML 1Page - NEC RD120S Datasheet HTML 2Page - NEC RD120S Datasheet HTML 3Page - NEC RD120S Datasheet HTML 4Page - NEC RD120S Datasheet HTML 5Page - NEC RD120S Datasheet HTML 6Page - NEC RD120S Datasheet HTML 7Page - NEC RD120S Datasheet HTML 8Page - NEC RD120S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RD2.0S to RD120S
3
Data Sheet D11444EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
Type Number
Class
Zener Voltage
Dynamic
Reverse Current
Vz (V)Note 1
Impedance Zz (
Ω)Note 2
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
RD6.8S
B
6.44
7.17
5
30
5
2
3.5
B1
6.44
6.76
B2
6.62
6.96
B3
6.83
7.17
RD7.5S
B
7.03
7.87
5
30
5
2
4.0
B1
7.03
7.39
B2
7.25
7.63
B3
7.49
7.87
RD8.2S
B
7.73
8.67
5
30
5
2
5.0
B1
7.73
8.13
B2
7.98
8.39
B3
8.25
8.67
RD9.1S
B
8.53
9.58
5
30
5
2
6.0
B1
8.53
8.96
B2
8.81
9.26
B3
9.12
9.58
RD10S
B
9.42
10.58
5
30
5
2
7.0
B1
9.42
9.90
B2
9.74
10.24
B3
10.08
10.58
RD11S
B
10.40
11.60
5
30
5
2
8.0
B1
10.40
10.92
B2
10.72
11.26
B3
11.06
11.60
RD12S
B
11.38
12.64
5
35
5
2
9.0
B1
11.38
11.94
B2
11.69
12.28
B3
12.04
12.64
RD13S
B
12.43
14.00
5
35
5
2
10
RD15S
B
13.80
15.56
5
40
5
2
11
RD16S
B
15.31
17.14
5
40
5
2
12
RD18S
B
16.89
19.08
5
45
5
2
13
RD20S
B
18.80
21.14
5
50
5
2
15
RD22S
B
20.81
23.25
5
55
5
2
17
RD24S
B
22.86
25.66
5
60
5
2
19
RD27S
B
25.10
28.90
2
70
2
2
21
RD30S
B
28.00
32.00
2
80
2
2
23
RD33S
B
31.00
35.00
2
80
2
2
25
RD36S
B
34.00
38.00
2
90
2
2
27


Similar Part No. - RD120S

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
RD120505XM MICRODC-RD120505XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
RD120505XMS MICRODC-RD120505XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
RD120505XNM MICRODC-RD120505XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
NEC
RD120E NEC-RD120E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD120E NJSEMI-RD120E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
More results

Similar Description - RD120S

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com