Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5362B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBJ5362B
Description  5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5362B Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBJ5362B Datasheet HTML 1Page - Micro Commercial Components SMBJ5362B Datasheet HTML 2Page - Micro Commercial Components SMBJ5362B Datasheet HTML 3Page - Micro Commercial Components SMBJ5362B Datasheet HTML 4Page - Micro Commercial Components SMBJ5362B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.mccsemi.com
2 of 5
SMBJ533
8B thru SMBJ5388B
MCC
TM
Micro Commercial Components
ELECTRICAL CHARACTERISTICS @25
REGULATOR
VOLTAGE
VZ
TEST
CURRENT
IZ
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT
MAXIMUM
REVERSE
CURRENT
IR
TEST
VOLTAGE
VR
MAXIMUM
REGULATOR
CURRENT
IZM
MAXIMUM
DYNAMIC KNEE
IMPEDANCE
ZZK@1.0mA
MAXIMUM
SURGE
CURRENT
IZSM
MAXIMUM
VOLTAGE
REGULATION
VOLTS
mA
OHMS
µA
VOLTS
mA
OHMS
A
VOLTS
SMBJ5338B
5.1
240
1.5
1
1
930
400
14.4
0.39
SMBJ5339B
5.6
220
1
1
2
865
400
13.4
0.25
SMBJ5340B
6
200
1
1
3
790
300
12.7
0.19
SMBJ5341B
6.2
200
1
1
3
765
200
12.4
0.1
SMBJ5342B
6.8
175
1
10
5.2
700
200
11.5
0.15
SMBJ5343B
7.5
175
1.5
10
5.7
630
200
10.7
0.15
SMBJ5344B
8.2
150
1.5
10
6.2
580
200
10
0.2
SMBJ5345B
8.7
150
2
10
6.6
545
200
9.5
0.2
SMBJ5346B
9.1
150
2
7.5
6.9
520
150
9.2
0.22
SMBJ5347B
10
125
2
5
7.6
475
125
8.6
0.22
SMBJ5348B
11
125
2.5
5
8.4
430
125
8
0.25
SMBJ5349B
12
100
2.5
2
9.1
395
125
7.5
0.25
SMBJ5350B
13
100
2.5
1
9.9
365
100
7
0.25
SMBJ5351B
14
100
2.5
1
10.6
340
75
6.7
0.25
SMBJ5352B
15
75
2.5
1
11.5
315
75
6.3
0.25
SMBJ5353B
16
75
2.5
1
12.2
295
75
6
0.3
SMBJ5354B
17
70
2.5
0.5
12.9
280
75
5.8
0.35
SMBJ5355B
18
65
2.5
0.5
13.7
264
75
5.5
0.4
SMBJ5356B
19
65
3
0.5
14.4
250
75
5.3
0.4
SMBJ5357B
20
65
3
0.5
15.2
237
75
5.1
0.4
SMBJ5358B
22
50
3.5
0.5
16.7
216
75
4.7
0.45
SMBJ5359B
24
50
3.5
0.5
18.2
198
100
4.4
0.55
SMBJ5360B
25
50
4
0.5
19
190
110
4.3
0.55
SMBJ5361B
27
50
5
0.5
20.6
176
120
4.1
0.6
SMBJ5362B
28
50
6
0.5
21.2
170
130
3.9
0.6
SMBJ5363B
30
40
8
0.5
22.8
158
140
3.7
0.6
SMBJ5364B
33
40
10
0.5
25.1
144
150
3.5
0.6
SMBJ5365B
36
30
11
0.5
27.4
132
160
3.3
0.65
SMBJ5366B
39
30
14
0.5
29.7
122
170
3.1
0.65
SMBJ5367B
43
30
20
0.5
32.7
110
190
2.8
0.7
SMBJ5368B
47
25
25
0.5
35.8
100
210
2.7
0.8
SMBJ5369B
51
25
27
0.5
38.8
93
230
2.5
0.9
MCC PART
NUMBER
Revision:
J
20
14/09/09
SMBJ5370B
56
20
35
0.5
42.6
86
280
2.3
1
SMBJ5371B
60
20
40
0.5
45.5
79
350
2.2
1.2
SMBJ5372B
62
20
42
0.5
47.1
76
400
2.1
1.35
SMBJ5373B
68
20
44
0.5
51.7
70
500
2
1.5
SMBJ5374B
75
20
45
0.5
56
63
620
1.9
1.6
SMBJ5375B
82
15
65
0.5
62.2
58
720
1.8
1.8
SMBJ5376B
87
15
75
0.5
66
54.5
760
1.7
2
SMBJ5377B
91
15
75
0.5
69.2
52.5
760
1.6
2.2
SMBJ5378B
100
12
90
0.5
76
47.5
800
1.5
2.3
SMBJ5379B
110
12
125
0.5
83.6
43
1000
1.4
2.5
SMBJ5380B
120
10
170
0.5
91.2
39.5
1150
1.3
2.5
SMBJ5381B
130
10
190
0.5
98.8
36.6
1250
1.2
2.5
SMBJ5382B
140
8.0
230
0.5
106
34
1500
1.2
2.5
SMBJ5383B
150
8.0
330
0.5
114
31.6
1500
1.1
3
SMBJ5384B
160
8.0
350
0.5
122
29.4
1650
1.1
3
SMBJ5385B
170
8.0
380
0.5
129
28
1750
1.0
3
SMBJ5386B
180
5.0
430
0.5
137
26.4
1750
1.0
4
SMBJ5387B
190
5.0
450
0.5
144
25
1850
0.9
5
SMBJ5388B
200
5.0
480
0.5
152
23.6
1850
0.9
5


Similar Part No. - SMBJ5362B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5362B MCC-SMBJ5362B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
SMBJ5362B MCC-SMBJ5362B Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Microsemi Corporation
SMBJ5362B MICROSEMI-SMBJ5362B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5362B TGS-SMBJ5362B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5362B SYNSEMI-SMBJ5362B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBJ5362B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5363B-TP MCC-SMBJ5363B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5365B-TP MCC-SMBJ5365B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B MCC-SMBJ5338B_14 Datasheet
265Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com