Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP51L_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BAP51L_2015
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP51L_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP51L_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9397 750 14554
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 March 2005
4 of 8
Philips Semiconductors
BAP51L
Silicon PIN diode
Tamb =25 °C
(1) IF = 100 mA
(2) IF =10mA
(3) IF =1mA
(4) IF = 0.5 mA
Diode inserted in series with a 50
Ω stripline circuit
and biased via the analyzer Tee network
Tamb =25 °C
Diode zero biased and inserted in series with a 50
stripline circuit
Fig 3.
Insertion loss (
|s21|2) of the diode as a function
of frequency; typical values
Fig 4.
Isolation (
|s21|2) of the diode as a function of
frequency; typical values
001aac399
f (MHz)
0
3000
2000
1000
−0.5
0
s21 2
(dB)
−1
(1)
(2)
(4)
(3)
001aac398
f (MHz)
0
3000
2000
1000
−20
−30
−10
0
−40
s21 2
(dB)


Similar Part No. - BAP51L_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
65Kb / 8P
   Silicon PIN diode
Rev. 01-26 June 2007
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
logo
Quanzhou Jinmei Electro...
BAP51L JMNIC-BAP51L_15 Datasheet
56Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP51L_2015

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com