Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP64-02_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BAP64-02_2015
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-02_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-02_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-02_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Mar 23
3
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-02
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 50 mA
0.95
1.1
V
IR
reverse leakage current
VR =175 V
10
µA
VR =20V
1
µA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.48
pF
VR = 1 V; f = 1 MHz
0.35
pF
VR = 20 V; f = 1 MHz
0.23
0.35
pF
rD
diode forward resistance
f = 100 MHz; note 1
IF = 0.5 mA
20
40
IF = 1 mA
10
20
IF = 10 mA
2
3.8
IF = 100 mA
0.7
1.35
τL
charge carrier life time
when switched from IF =10mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.55
−µs
LS
series inductance
0.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
85
K/W


Similar Part No. - BAP64-02_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02_15 Datasheet
125Kb / 9P
   Silicon PIN diode
Rev. 10-12 May 2015
logo
Quanzhou Jinmei Electro...
BAP64-02 JMNIC-BAP64-02_15 Datasheet
65Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP64-02_2015

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com