Electronic Components Datasheet Search |
|
BAP1321-04_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
BAP1321-04_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
2 / 8 page 2001 Apr 17 2 Philips Semiconductors Product specification Silicon PIN diode BAP1321-04 FEATURES • High voltage, current controlled • RF resistor for RF attenuators and switches • Low diode capacitance • Low diode forward resistance • Very low series inductance • For applications up to 3 GHz. APPLICATIONS • RF attenuators and switches. DESCRIPTION Two planar PIN diodes in series configuration in a SOT23 small SMD plastic package. PINNING PIN DESCRIPTION 1 anode 2 cathode 3 common connection k, 4 columns 21 3 Top view MAM107 21 3 Marking code: 6Fp. Fig.1 Simplified outline (SOT23) and symbol. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT Per diode VR continuous reverse voltage − 60 V IF continuous forward current − 100 mA Ptot total power dissipation Ts ≤ 90 °C − 250 mW Tstg storage temperature −65 +150 °C Tj junction temperature −65 +150 °C |
Similar Part No. - BAP1321-04_2015 |
|
Similar Description - BAP1321-04_2015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |