Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344E2051A040 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32344E2051A040
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E2051A040 Datasheet(HTML) 3 Page - TDK Electronics

  B32344E2051A040 Datasheet HTML 1Page - TDK Electronics B32344E2051A040 Datasheet HTML 2Page - TDK Electronics B32344E2051A040 Datasheet HTML 3Page - TDK Electronics B32344E2051A040 Datasheet HTML 4Page - TDK Electronics B32344E2051A040 Datasheet HTML 5Page - TDK Electronics B32344E2051A040 Datasheet HTML 6Page - TDK Electronics B32344E2051A040 Datasheet HTML 7Page - TDK Electronics B32344E2051A040 Datasheet HTML 8Page - TDK Electronics B32344E2051A040 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 3 of 10
Important notes at the end of this document.
Maximum ratings (according to IEC 60831)
Maximum permissible voltage Vmax
VR + 10% (up to 8 h daily)
VR + 15% (up to 30 min daily)
VR + 20% (up to 5 min daily)
VR + 30% (up to 1 min daily)
Maximum permissible current Imax
Up to 1.5 • IR (A) including combined effects of harmonics,
overvoltages and capacitance tolerance
IS
200 • IR (A)
Test data (according to IEC 60831)
AC test voltage terminal to terminal
2.15 • VR, 2 s
Insulation voltage between terminals
and container
3000 V AC, 10 s
*tan δ (50 Hz)
≤ 0.45 W / kvar
* Without discharge resistor
Mean life expectancy
tLD
Up to 135 000 hours (temperature class –40/C) ; ӨHS  +70C
Up to 100 000 hours (temperature class –40/D) ; ӨHS  +70C
Max. 5000 switching per year
Design data
Dimensions (d x h)
According to specification table
Weight approx
According to specification table
Impregnation
Non PCB, Semi-dry biodegradable resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Upright
See “Maintenance and Installation Manual” for further details.
Climatic category –40/D
 min
–40 ºC
 max
+55 ºC
Storage temperature
–40 ºC….+85 ºC
Ө hotspot Max.
+70 ºC
Humidity
av. rel. < 95%
Degree of protection
IP 20
Maximum altitude
4000 m


Similar Part No. - B32344E2051A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E2051A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com