Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6608TR1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6608TR1
Description  Application Specific MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6608TR1 Datasheet(HTML) 3 Page - International Rectifier

  IRF6608TR1 Datasheet HTML 1Page - International Rectifier IRF6608TR1 Datasheet HTML 2Page - International Rectifier IRF6608TR1 Datasheet HTML 3Page - International Rectifier IRF6608TR1 Datasheet HTML 4Page - International Rectifier IRF6608TR1 Datasheet HTML 5Page - International Rectifier IRF6608TR1 Datasheet HTML 6Page - International Rectifier IRF6608TR1 Datasheet HTML 7Page - International Rectifier IRF6608TR1 Datasheet HTML 8Page - International Rectifier IRF6608TR1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6608
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 12A
VGS = 10V
0.1
1.0
10.0
100.0
1
10
100
30µs PULSE WIDTH
Tj = 25°C
2.7V
VGS
TOP
10V
7.0V
4.5V
3.8V
3.5V
3.2V
2.9V
BOTTOM
2.7V
0.1
1.0
10.0
100.0
1
10
100
30µs PULSE WIDTH
Tj = 150°C
2.7V
VGS
TOP
10V
7.0V
4.5V
3.8V
3.5V
3.2V
2.9V
BOTTOM
2.7V
2.5
2.8
3.0
3.3
3.5
VGS, Gate-to-Source Voltage (V)
1.0
10.0
100.0
VDS = 20V
30µs PULSE WIDTH
TJ = 25°C
TJ = 150°C
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
010
20
30
40
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 8.8A


Similar Part No. - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6608 IRF-IRF6608 Datasheet
178Kb / 8P
   lHEXFET Power MOSFET
More results

Similar Description - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com