Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF245A_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF245A_2015
Description  N-channel silicon field-effect transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF245A_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF245A_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1996 Jul 30
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, minimum lead length 3 mm, mounting pad for drain lead minimum
10 mm
× 10 mm.
THERMAL CHARACTERISTICS
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. Measured under pulse conditions: tp = 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±30
V
VGDO
gate-drain voltage
open source
−−30
V
VGSO
gate-source voltage
open drain
−−30
V
ID
drain current
25
mA
IG
gate current
10
mA
Ptot
total power dissipation
up to Tamb =75 °C;
300
mW
up to Tamb =90 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
250
K/W
thermal resistance from junction to ambient
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
IG = −1 µA; VDS =0
−30
V
VGSoff
gate-source cut-off voltage
ID = 10 nA; VDS =15V
−0.25
−8.0
V
VGS
gate-source voltage
ID = 200 µA; VDS =15V
BF245A
−0.4
−2.2
V
BF245B
−1.6
−3.8
V
BF245C
−3.2
−7.5
V
IDSS
drain current
VDS =15V; VGS = 0; note 1
BF245A
2
6.5
mA
BF245B
6
15
mA
BF245C
12
25
mA
IGSS
gate cut-off current
VGS = −20 V; VDS =0
−−5nA
VGS = −20 V; VDS = 0; Tj = 125 °C
−−0.5
µA


Similar Part No. - BF245A_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results

Similar Description - BF245A_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com