Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1205_2015 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1205_2015
Description  Dual N-channel dual gate MOS-FET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1205_2015 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1205_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2003 Sep 30
5
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1205
handbook, halfpage
0
VGG (V)
5
16
12
4
0
8
23
14
MGX430
ID
(mA)
(1)
(2)
(3)
(4)
(5)
(6)
Fig.3 Drain currents of MOS-FET a and b as
functions of VGG (see Fig.4).
(1) ID (b); RG1 = 120 kΩ.
(2) ID (b); RG1 = 150 kΩ.
(3) ID (b); RG1 = 180 kΩ.
(4) ID (a); RG1 = 180 kΩ.
(5) ID (a); RG1 = 150 kΩ.
(6) ID (a); RG1 = 120 kΩ.
handbook, halfpage
MGX431
VGG
RG1
d (a)
s
d (b)
g1 (a)
g2
g1 (b)
Fig.4 Functional diagram
VGG = 5 V: amplifier a is OFF; amplifier b is ON.
VGG = 0 V: amplifier a is ON; amplifier b is OFF.


Similar Part No. - BF1205_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
logo
Quanzhou Jinmei Electro...
BF1205C JMNIC-BF1205C Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205 JMNIC-BF1205_15 Datasheet
190Kb / 24P
   Dual N-channel dual gate MOS-FET
More results

Similar Description - BF1205_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com