Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG21W_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG21W_2015
Description  UHF power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG21W_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG21W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG21W_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1998 Jul 06
8
Philips Semiconductors
Product specification
UHF power transistor
BFG21W
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT343R
D
A
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
0
1
2 mm
scale
X
21
4
3
Plastic surface mounted package; reverse pinning; 4 leads
SOT343R
w M B
97-05-21
bp
UNIT
A1
max
bp
cD
E
b1
HE
Lp
Qw
v
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
0.7
0.5
2.2
1.8
1.35
1.15
e
2.2
2.0
1.3
e1
0.2
y
0.1
0.2
1.15
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
e1
A
e
y
b1


Similar Part No. - BFG21W_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W_15 Datasheet
234Kb / 11P
   UHF power transistor
1998 Jul 06
logo
Quanzhou Jinmei Electro...
BFG21W JMNIC-BFG21W_15 Datasheet
94Kb / 12P
   UHF power transistor
More results

Similar Description - BFG21W_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com