Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB564A Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSB564A
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSB564A Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSB564A Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSB564A Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSB564A Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6519
Issued Date : 1993.01.15
Revised Date : 2001.10.15
Page No. : 1/3
HSB564A
HSMC Product Specification
HSB564A
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HSB564A is designed for general purpose low frequency power
amplifier applications.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 800 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ -30 V
VCEO Collector to Emitter Voltage ..................................................................................... -25 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ............................................................................................................. -1 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-100uA, IE=0
BVCEO
-25
-
-
V
IC=-10mA. IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
*VCE(sat)
-
-
-0.5
V
IC=-1A, IB=-100mA
*VBE(sat)
-
-
-1.2
V
IC=-1A, IB=-100mA
*hFE
70
-
400
VCE=-1V, IC=-100mA
fT
-
110
-
MHz
VCE=-6V, IC=-10mA, f=100MHz
Cob
-
18
-
pF
VCB=-6V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE
Rank
O
Y
GR
Range
70-140
120-240
200-400


Similar Part No. - HSB564A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB562 HSMC-HSB562 Datasheet
40Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSB564A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com