Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKN2401 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GKN2401
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GKN2401 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GKN2401 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GKN2401 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GKN2401 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 400 V - 1800 V
IF = 320 A
Features
• High Surge Capability
DO-9 Package
• Equivalent to SKN240 Series
• Not ESD Sensitive
GKN
Parameter
Symbol
GKN240/04 GKN240/08
GKN240/16GKN240/18 Unit
Repetitive peak reverse voltage VRRM
400
800
1600
1800
V
DC blocking voltage
VDC
400
800
1600
1800
V
Continuous forward current
IF
320
320
320
320
A
1400
1400
1200
• Types from 400 V to 1800 V VRRM
GKN240/04 thru GKN240/18
TC ≤ 100 °C
GKN240/14
1200
GKN240/12
Maximum ratings, at Tj = 25 °C, unless otherwise specified (GKR has leads reversed)
320
320
Silicon Standard
Recovery Diode
Conditions
2
1
2
1
2
1
Continuous forward current
IF
320
320
320
320
A
Operating temperature
Tj
-55 to 150 -55 to 150
-55 to 150 -55 to 150 °C
Storage temperature
Tstg
-55 to 150 -55 to 150
-55 to 150 -55 to 150 °C
Parameter
Symbol
GKN240/04 GKN240/08
GKN240/16GKN240/18 Unit
Diode forward voltage
1.4
1.4
1.4
1.4
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.20
0.20
0.20
0.20
K/W
60
60
mA
60
0.20
0.20
Reverse current
IR
VR = VRRM, Tj = 180 °C
60
-55 to 150
IF = 60 A, Tj = 25 °C
C
Conditions
6000
6000
-55 to 150
320
320
-55 to 150
1.4
TC = 25 °C, tp = 10 ms
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
6000
VF
6000
6000
-55 to 150
A
6000
1.4
GKN240/14
60
60
GKN240/12
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - GKN2401

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GKN24012 GENESIC-GKN24012 Datasheet
558Kb / 3P
   Silicon Standard Recovery Diode
GKN24014 GENESIC-GKN24014 Datasheet
558Kb / 3P
   Silicon Standard Recovery Diode
GKN24016 GENESIC-GKN24016 Datasheet
558Kb / 3P
   Silicon Standard Recovery Diode
GKN24018 GENESIC-GKN24018 Datasheet
558Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - GKN2401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com