Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP125 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TIP125
Description  PNP Epitaxial Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP125 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIP125 Datasheet HTML 1Page - Fairchild Semiconductor TIP125 Datasheet HTML 2Page - Fairchild Semiconductor TIP125 Datasheet HTML 3Page - Fairchild Semiconductor TIP125 Datasheet HTML 4Page - Fairchild Semiconductor TIP125 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP125 / TIP126 / TIP127 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. DC Current Gain
Figure 2. Base-Emitter Saturation Voltage and
Collector-Emitter Saturation Voltage
Figure 3. Output and Input Capacitance
vs. Reverse Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
-0.1
-1
-10
100
1k
10k
V
CE
= -4V
I
C
[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
IC = 250IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
10
100
1000
Cob
f = 0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE
Cib
-1
-10
-100
-0.01
-0.1
-1
-10
TIP126
TIP127
TIP125
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
15
30
45
60
75
90
TC[
oC], CASE TEMPERATURE


Similar Part No. - TIP125

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Nanjing International G...
TIP125 DGNJDZ-TIP125 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
TIP125 ETC2-TIP125 Datasheet
403Kb / 6P
   Darlington Transistors
TIP125 ETC-TIP125 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
TIP125 FAIRCHILD-TIP125_08 Datasheet
540Kb / 5P
   PNP Epitaxial Darlington Transistor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
KEC(Korea Electronics)
MPSA77 KEC-MPSA77 Datasheet
65Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com