Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C5115 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C5115
Description  16K Bytes of On-chip Flash Memory
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C5115_14 Datasheet HTML 1Page - ATMEL Corporation T89C5115_14 Datasheet HTML 2Page - ATMEL Corporation T89C5115_14 Datasheet HTML 3Page - ATMEL Corporation T89C5115_14 Datasheet HTML 4Page - ATMEL Corporation T89C5115_14 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Active T89C5115 Errata List
Timer 2 (Baud Rate Generator Mode) – Long Start Time
UART – RB8 Lost with JBC on SCON Register
ADC- Interrupt During Idle Conversion
Flash/EEPROM – First Read After Load Disturbed
C51 Core – Bad Exit of Power-down in X2 Mode
Timer0/1 Extra Interrupt
Timer1 - Mode1 Does Not Generate Baud Rate Generator for UART
T89C5115 Errata History
T89C5115 Errata Description
1.
Timer 2 (Baud Rate Generator Mode) – Long Start Time
When Timer 2 is used as baud rate generator, TH2 is not loaded with RACP2H at
the beginning, then UART is not operational before almost 10,000 machine
cycles.
Workaround
Add in software an initialization of TH2 and TL2, with the value of RCAP2H and
RCAP2L.
2.
UART - RB8 Lost With JBC on SCON Register
When using the JBC instruction on any bit of SCON register, if RB8 changes from
1 to 0, the 0 bit can be lost.
Workaround
After each use clear RB8.
3.
ADC - Interrupt Controller/ADC Idle Mode/Loops In High Priority Interrupt
The problem occurs during an A/D conversion in idle mode, if a hardware interrupt
occurs followed by a second interrupt with higher priority before the end of the A/D
conversion. If the above configuration occurs, the highest priority interrupt is
served immediately after the A/D conversion. At the end of the highest priority
interrupt service, the processor will not serve the hardware reset interrupt pend-
ing. It will also not serve any new interrupt requests with a priority lower than the
high level priority last served.
Workaround
Disable all interrupts (Interrupt Global Enable Bit) before starting an A/D conver-
sion in idle mode, then re-enable all interrupts immediately after.
4.
Flash/EEPROM – First Read After Load Disturbed
In the "In-Application Programming" mode from the Flash, if the User software
application load the Column Latch Area prior to call the programming sequence in
the CAN Bootloader.
Lot Number
Errata List
All lots
1, 2, 3, 4, 5, 6,7
80C51 MCUs
T89C5115
Errata Sheet


Similar Part No. - T89C5115_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_14 Datasheet
71Kb / 5P
   Timer 2 (Baud Rate Generator Mode) ??Long Start Time
More results

Similar Description - T89C5115_14

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
   2K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
   32K Bytes of Reprogrammable Flash Memory
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com