Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG97_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG97_2015
Description  NPN 5 GHz wideband transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG97_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG97_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG97_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
September 1995
6
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG97
Fig.4 Power derating curve.
handbook, halfpage
0
50
100
200
0.8
0.6
0.2
0
0.4
MBB797
150
T
( C)
o
s
Ptot
(W)
1.0
1.2
Fig.5
DC current gain as a function of collector
current.
VCE = 10 V; Tj =25 °C.
handbook, halfpage
0
120
80
40
0
40
120
MBB774
80
I
(mA)
C
h FE
Fig.6
Feedback capacitance as a function of
collector-emitter voltage.
IE = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
V
(V)
CE
MBB798
0
3
2
1
0
10
20
C re
(pF)
Fig.7
Transition frequency as a function of
collector current.
VCE = 10 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
040
80
8
6
2
0
4
MBB773
120
I
(mA)
C
(GHz)
T
f


Similar Part No. - BFG97_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG97 JMNIC-BFG97_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
More results

Similar Description - BFG97_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com