Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG424F_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG424F_2015
Description  NPN 25 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG424F_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG424F_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BFG424F_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 21 March 2006
3 of 13
Philips Semiconductors
BFG424F
NPN 25 GHz wideband transistor
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the emitter pins.
6.
Thermal characteristics
[1]
Tsp is the temperature at the soldering point of the emitter pins.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
10
V
VCEO
collector-emitter voltage
open base
-
4.5
V
VEBO
emitter-base voltage
open collector
-
1
V
IC
collector current
-
30
mA
Ptot
total power dissipation
Tsp ≤ 90 °C
[1] -
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
Tsp ≤ 90 °C
[1] 340
K/W
Fig 1.
Power derating curve
Tsp (°C)
0
160
120
40
80
001aad817
100
50
150
200
Ptot
(mW)
0


Similar Part No. - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
More results

Similar Description - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG425W_2015 JMNIC-BFG425W_2015 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFG425W PHILIPS-BFG425W Datasheet
111Kb / 12P
   NPN 25 GHz wideband transistor
1998 Mar 11
BFG424F PHILIPS-BFG424F Datasheet
99Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFG424W JMNIC-BFG424W_15 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
BFG425W JMNIC-BFG425W_15 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424W_2015 JMNIC-BFG424W_2015 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com