Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG424F_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG424F_2015
Description  NPN 25 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG424F_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG424F_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BFG424F_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 21 March 2006
4 of 13
Philips Semiconductors
BFG424F
NPN 25 GHz wideband transistor
7.
Characteristics
[1]
Gp(max) is the maximum power gain, if K > 1. If K < 1 then Gp(max) = MSG, see Figure 8.
[2]
ZS is optimized for noise; ZL is optimized for gain.
Table 7:
Characteristics
Tj =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO collector-base
breakdown voltage
IC = 2.5 µA; IE = 0 mA
10
-
-
V
V(BR)CEO collector-emitter
breakdown voltage
IC = 1 mA; IB = 0 mA
4.5
-
-
V
V(BR)EBO open-collector
emitter-base
breakdown voltage
IE = 2.5 µA; IC =0mA
1
-
-
V
ICBO
collector-base
cut-off current
IE = 0 mA; VCB = 4.5 V
-
-
15
nA
hFE
DC current gain
IC = 25 mA; VCE = 2 V
50
80
120
CCES
collector-emitter
capacitance
VCB = 2 V; f = 1 MHz
-
363
-
fF
CEBS
emitter-base
capacitance
VEB = 0.5 V; f = 1 MHz
-
475
-
fF
CCBS
collector-base
capacitance
VCB = 2 V; f = 1 MHz
-
102
-
fF
fT
transition frequency IC = 25 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C
-
25
-
GHz
Gp(max)
maximum power
gain
IC = 25 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C
[1] -23
-
dB
|s21|2
insertion power gain IC = 25 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C
-
18.5
-
dB
NF
noise figure
IC = 2 mA; VCE =2V;
f = 900 MHz;
Γ
S = Γopt
-
0.8
-
dB
IC = 2 mA; VCE = 2 V; f = 2 GHz;
Γ
S = Γopt
-
1.2
-
dB
PL(1dB)
output power at
1 dB gain
compression
IC = 25 mA; VCE = 2 V; f = 2 GHz;
ZS =ZS(opt); ZL =ZL(opt)
[2] -
12
-
dBm
IP3
third-order intercept
point
IC = 25 mA; VCE = 2 V; f = 2 GHz;
ZS =ZS(opt); ZL =ZL(opt)
[2] -
22
-
dBm


Similar Part No. - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
More results

Similar Description - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG425W_2015 JMNIC-BFG425W_2015 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFG425W PHILIPS-BFG425W Datasheet
111Kb / 12P
   NPN 25 GHz wideband transistor
1998 Mar 11
BFG424F PHILIPS-BFG424F Datasheet
99Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFG424W JMNIC-BFG424W_15 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
BFG425W JMNIC-BFG425W_15 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424W_2015 JMNIC-BFG424W_2015 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com