Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW93C-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BDW93C-S
Description  Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW93C-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BDW93C-S Datasheet HTML 1Page - Bourns Electronic Solutions BDW93C-S Datasheet HTML 2Page - Bourns Electronic Solutions BDW93C-S Datasheet HTML 3Page - Bourns Electronic Solutions BDW93C-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDW93, BDW93A, BDW93B, BDW93C
NPN SILICON POWER DARLINGTONS
3
P RO D UCT
INFORMA TION
SEPTEMBER 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
20
1·0
10
50000
100
1000
10000
TCS130AE
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
20
1·0
10
0
0·5
1·0
1·5
2·0
2·5
3·0
TCS130AG
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
20
1·0
10
0·5
1·0
1·5
2·0
2·5
3·0
TCS130AI
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%
OBSOLET
E


Similar Part No. - BDW93C-S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
BDW93C-O-C-N-B JSMC-BDW93C-O-C-N-B Datasheet
220Kb / 5P
   High frequency switching power supply
More results

Similar Description - BDW93C-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP35-S BOURNS-TIP35-S Datasheet
109Kb / 4P
   Designed for Complementary Use with the TIP36 Series
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
List of Unclassifed Man...
C1048 ETC-C1048 Datasheet
27Kb / 1P
   DDS - EP13 - Designed for use with Level One LXT400 and LXT441 Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com