Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW93C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BDW93C
Description  Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW93C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BDW93C Datasheet HTML 1Page - Bourns Electronic Solutions BDW93C Datasheet HTML 2Page - Bourns Electronic Solutions BDW93C Datasheet HTML 3Page - Bourns Electronic Solutions BDW93C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDW93, BDW93A, BDW93B, BDW93C
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
SEPTEMBER 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 100 mA
IB = 0
(see Note 3)
BDW93
BDW93A
BDW93B
BDW93C
45
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCB = 40 V
VCB = 60 V
VCB = 80 V
VCB = 80 V
IB =0
IB =0
IB =0
IB =0
BDW93
BDW93A
BDW93B
BDW93C
1
1
1
1
mA
ICBO
Collector cut-off
current
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDW93
BDW93A
BDW93B
BDW93C
BDW93
BDW93A
BDW93B
BDW93C
0.1
0.1
0.1
0.1
5
5
5
5
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
2
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
VCE =
3 V
IC = 3 A
IC = 10 A
IC = 5 A
(see Notes 3 and 4)
1000
100
750
20000
VCE(sat)
Collector-emitter
saturation voltage
IB = 20 mA
IB = 100 mA
IC = 5 A
IC = 10 A
(see Notes 3 and 4)
2
3
V
VBE(sat)
Base-emitter
saturation voltage
IB = 20 mA
IB = 100 mA
IC = 5 A
IC = 10 A
(see Notes 3 and 4)
2.5
4
V
VEC
Parallel diode
forward voltage
IE =
5 A
IE =
10 A
IB = 0
IB = 0
2
4
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.56
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
OBSOLET
E


Similar Part No. - BDW93C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW93C MOSPEC-BDW93C Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Inchange Semiconductor ...
BDW93C ISC-BDW93C Datasheet
298Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
BDW93C POINN-BDW93C Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDW93C STMICROELECTRONICS-BDW93C Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
BDW93C FAIRCHILD-BDW93C Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
More results

Similar Description - BDW93C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP35-S BOURNS-TIP35-S Datasheet
109Kb / 4P
   Designed for Complementary Use with the TIP36 Series
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
List of Unclassifed Man...
C1048 ETC-C1048 Datasheet
27Kb / 1P
   DDS - EP13 - Designed for use with Level One LXT400 and LXT441 Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com