Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C46 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM93C46
Description  1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C46 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM93C46 Datasheet HTML 1Page - Fairchild Semiconductor FM93C46 Datasheet HTML 2Page - Fairchild Semiconductor FM93C46 Datasheet HTML 3Page - Fairchild Semiconductor FM93C46 Datasheet HTML 4Page - Fairchild Semiconductor FM93C46 Datasheet HTML 5Page - Fairchild Semiconductor FM93C46 Datasheet HTML 6Page - Fairchild Semiconductor FM93C46 Datasheet HTML 7Page - Fairchild Semiconductor FM93C46 Datasheet HTML 8Page - Fairchild Semiconductor FM93C46 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FM93C46 Rev. D.1
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltages
+6.5V to -0.3V
with Respect to Ground
Lead Temperature
(Soldering, 10 sec.)
+300
°C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
FM93C46L/LZ
0
°C to +70°C
FM93C46LE/LZE
-40
°C to +85°C
FM93C46LV/LZV
-40
°C to +125°C
Power Supply (V
CC)
2.7V to 5.5V
DC and AC Electrical Characteristics V
CC = 2.7V to 4.5V unless otherwise specified. Refer to
page 3 for V
CC = 4.5V to 5.5V.
Symbol
Parameter
Conditions
Min
Max
Units
I
CCA
Operating Current
CS = V
IH, SK=250 KHz
1
mA
I
CCS
Standby Current
CS = V
IL
L
10
µA
LZ (2.7V to 4.5V)
1
µA
IIL
Input Leakage
VIN = 0V to VCC
±1
µA
I
OL
Output Leakage
(Note 2)
V
IL
Input Low Voltage
-0.1
0.15V
CC
V
VIH
Input High Voltage
0.8VCC
VCC +1
V
OL
Output Low Voltage
I
OL = 10µA
0.1V
CC
V
VOH
Output High Voltage
IOH = -10µA
0.9VCC
f
SK
SK Clock Frequency
(Note 3)
0
250
KHz
tSKH
SK High Time
1
µs
t
SKL
SK Low Time
1
µs
tCS
Minimum CS Low Time
(Note 4)
1
µs
t
CSS
CS Setup Time
0.2
µs
tDH
DO Hold Time
70
ns
t
DIS
DI Setup Time
0.4
µs
tCSH
CS Hold Time
0
ns
t
DIH
DI Hold Time
0.4
µs
tPD
Output Delay
2
µs
t
SV
CS to Status Valid
1
µs
tDF
CS to DO in Hi-Z
CS = VIL
0.4
µs
t
WP
Write Cycle Time
15
ms
Capacitance T
A = 25°C, f = 1 MHz or
250 KHz (Note 5)
Symbol
Test
Typ
Max
Units
C
OUT
Output Capacitance
5
pF
CIN
Input Capacitance
5
pF
Note 1:
Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2:
Typical leakage values are in the 20nA range.
Note 3:
The shortest allowable SK clock period = 1/fSK (as shown under the fSK parameter). Maximum
SK clock speed (minimum SK period) is determined by the interaction of several AC parameters stated
in the datasheet. Within this SK period, both tSKH and tSKL limits must be observed. Therefore, it is not
allowable to set 1/fSK = tSKHminimum + tSKLminimum for shorter SK cycle time operation.
Note 4:
CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal
device registers (device reset) prior to beginning another opcode cycle. (This is shown in the opcode
diagram on the following page.)
Note 5:
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
V
CC Range
V
IL/VIH
V
IL/VIH
V
OL/VOH
I
OL/IOH
Input Levels
Timing Level
Timing Level
2.7V
≤ V
CC ≤ 5.5V
0.3V/1.8V
1.0V
0.8V/1.5V
±10µA
(Extended Voltage Levels)
4.5V
≤ V
CC ≤ 5.5V
0.4V/2.4V
1.0V/2.0V
0.4V/2.4V
2.1mA/-0.4mA
(TTL Levels)
Output Load: 1 TTL Gate (C
L = 100 pF)


Similar Part No. - FM93C46

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46A FAIRCHILD-FM93C46A Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AE FAIRCHILD-FM93C46AE Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AV FAIRCHILD-FM93C46AV Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46E FAIRCHILD-FM93C46E Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C46

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C46 FAIRCHILD-NM93C46 Datasheet
108Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com