Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD17N08LTF Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQD17N08LTF
Description  N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08LTF Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQD17N08LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t on
t off
t
d(off)
tf
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t on
t off
t
d(off)
tf
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t p
VGS
VGS
IG = const.
©2000 Fairchild Semiconductor Corporation
FQD17N08L Rev. C1
www.fairchildsemi.com
5


Similar Part No. - FQD17N08LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results

Similar Description - FQD17N08LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com