Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7806ETU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KA7806ETU
Description  3-Terminal 1 A Positive Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7806ETU Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA7806ETU Datasheet HTML 4Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 5Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 6Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 7Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 8Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 9Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 10Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 11Page - Fairchild Semiconductor KA7806ETU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.1.1
8
Electrical Characteristics (KA7810E)
Refer to test circuit, 0
°C < TJ < 125°C, IO = 500 mA, VI = 16 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
11. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
12. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
9.6
10.0
10.4
V
5.0 mA
≤ IO ≤ 1.0 A, PO ≤ 15 W,
VI = 12.5 V to 25 V
9.5
10.0
10.5
Regline
Line Regulation(11)
TJ = +25°C
VI = 12.5 V to 25 V
10
200
mV
VI = 13 V to 25 V
3
100
Regload
Load Regulation(11)
TJ = +25°C
IO = 5 mA to 1.5 A
12
200
mV
IO = 250 mA to 750 mA
4
400
IQ
Quiescent Current
TJ = +25°C5.1
8.0
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1.0 A
0.5
mA
VI = 12.5 V to 29 V
1.0
ΔVO/ΔT
Output Voltage Drift(12)
IO = 5 mA
-1.0
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C
58.0
μV/Vo
RR
Ripple Rejection(12)
f = 120 Hz, VI = 13 V to 23 V
56.0
71.0
dB
VDrop
Dropout Voltage
IO = 1 A, TJ = +25°C2.0
V
RO
Output Resistance(12)
f = 1 kHz
17.0
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TA = +25°C250
mA
IPK
Peak Current(12)
TJ = +25°C2.2
A


Similar Part No. - KA7806ETU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7806ETU FAIRCHILD-KA7806ETU Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
KA7806ETU ONSEMI-KA7806ETU Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

Similar Description - KA7806ETU

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com