Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7809ERTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA7809ERTM
Description  3-Terminal 1 A Positive Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809ERTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA7809ERTM Datasheet HTML 1Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 2Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 3Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 4Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 5Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 6Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 7Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 8Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.1.1
1
August 2013
KA78XXE / KA78XXAE
3-Terminal 1 A Positive Voltage Regulator
Features
• Output Current up to 1 A
• Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Protection
Block Diagram
Figure 1. Block Diagram
SERIES
PASS
ELEMENT
SOA
PROTECTION
ERROR
AMPLIFIER
THERMAL
PROTECTION
CURRENT
GENERATOR
REFERENCE
VOLTAGE
STARTING
CIRCUIT
OUTPUT
3
GND
2
INPUT
1
Description
The KA78XXE / KA78XXAE series of three-terminal posi-
tive regulators is available in the TO-220 / D-PAK pack-
age with several fixed-output voltages, making them
useful in a wide range of applications. Each type employs
internal current limiting, thermal shut-down, and safe
operating area. If adequate heat sinking is provided, they
can deliver over 1 A output current. Although designed
primarily as fixed-voltage regulators, these devices can
be used with external components for adjustable voltages
and currents.
1
1. Input
2. GND
3. Output
1
GND
TO-220
D-PAK
GND
(Dual Gauge)


Similar Part No. - KA7809ERTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7809ERTM FAIRCHILD-KA7809ERTM Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
KA7809ERTM ONSEMI-KA7809ERTM Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

Similar Description - KA7809ERTM

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com