Electronic Components Datasheet Search |
|
BD4948G-TL Datasheet(PDF) 6 Page - Rohm |
|
BD4948G-TL Datasheet(HTML) 6 Page - Rohm |
6 / 18 page Datasheet 6/15 BD48xxx series BD49xxx series TSZ02201-0R7R0G300030-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013.Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Absolute Maximum Ratings Parameter Symbol Limits Unit Power Supply Voltage VDD-GND -0.3 to +10 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +10 V CMOS Output GND-0.3 to VDD+0.3 Output Current Io 70 mA Power Dissipation SSOP5 *1*4 Pd 540 mW SSOP3 *2*4 700 VSOF5 *3*4 210 Operating Temperature Topr -40 to +105 °C Ambient Storage Temperature Tstg -55 to +125 °C *1 Reduced by 5.4mW/°C when used over 25°C. *2 Reduced by 7.0mW/°C when used over 25°C. *3 Reduced by 2.1mW/°C when used over 25°C. *4 When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board). ● Electrical Characteristics (Unless Otherwise Specified, Ta=-40 to 105°C) Parameter Symbol Condition Limit Unit Min. Typ. Max. Detection Voltage VDET RL=470kΩ, VDD=H L *1 VDET(T) ×0.99 VDET(T) VDET(T) ×1.01 V VDET=2.5V Ta=+25°C 2.475 2.5 2.525 Ta=-40°C to 85°C 2.418 - 2.584 Ta=85°C to 105°C 2.404 - 2.597 VDET=3.0V Ta=+25°C 2.970 3.0 3.030 Ta=-40°C to 85°C 2.901 - 3.100 Ta=85°C to 105°C 2.885 - 3.117 VDET=3.3V Ta=+25°C 3.267 3.3 3.333 Ta=-40°C to 85°C 3.191 - 3.410 Ta=85°C to 105°C 3.173 - 3.428 VDET=4.2V Ta=+25°C 4.158 4.2 4.242 Ta=-40°C to 85°C 4.061 - 4.341 Ta=85°C to 105°C 4.039 - 4.364 VDET=4.8V Ta=+25°C 4.752 4.8 4.848 Ta=-40°C to 85°C 4.641 - 4.961 Ta=85°C to 105°C 4.616 - 4.987 Output Delay Time “L H” tPLH CL=100pF R L =100kΩ *2 Vout=GND 50% - - 100 µs Circuit Current when ON ICC1 VDD=VDET-0.2V *1 VDET=2.3-3.1V - 0.51 1.53 µA VDET=3.2-4.2V - 0.56 1.68 VDET=4.3-5.2V - 0.60 1.80 VDET=5.3-6.0V - 0.66 1.98 Circuit Current when OFF ICC2 VDD=VDET+2.0V *1 VDET=2.3-3.1V - 0.75 2.25 µA VDET=3.2-4.2V - 0.80 2.40 VDET=4.3-5.2V - 0.85 2.55 VDET=5.3-6.0V - 0.90 2.70 Operating Voltage Range VOPL VOL≤0.4V, Ta=25 to 105°C, RL=470kΩ 0.95 - - V VOL≤0.4V, Ta=-40 to 25°C, RL=470kΩ 1.20 - - VDET(T) : Standard Detection Voltage(2.3V to 6.0V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. CL: Capacitor to be connected between VOUT and GND. Design Guarantee. (Outgoing inspection is not done on all products.) *1 Guaranteed at Ta=25°C. *2 tPLH:VDD=(VDET typ.-0.5V) (VDET typ.+0.5V) |
Similar Part No. - BD4948G-TL |
|
Similar Description - BD4948G-TL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |