Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR106_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFR106_2015
Description  NPN 5 GHz wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFR106_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFR106_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
September 1995
DISCRETE SEMICONDUCTORS
BFR106
NPN 5 GHz wideband transistor


Similar Part No. - BFR106_2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106_10 Datasheet
523Kb / 9P
   NPN Silicon RF Transistor
2010-12-03
BFR106 INFINEON-BFR106_13 Datasheet
622Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
logo
Quanzhou Jinmei Electro...
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results

Similar Description - BFR106_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com