Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51AC2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51AC2
Description  Flash/EEPROM ??First Read After Write Disturbed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2 Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51AC2_14 Datasheet HTML 1Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 2Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 3Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 4Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 5Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 6Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 7Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 8Page - ATMEL Corporation T89C51AC2_14 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Active T89C51AC2, AT89C51AC2 Errata List
Flash/EEPROM – First Read After Write Disturbed
Timer 2 – Baud Rate Generator – No IT When TF2 is Set by Software
Timer 2 – Baud Rate Generator – Long Start Time
UART – RB8 Lost with JBC on SCON Register
ADC – Interrupt Controller/ADC Idle Mode/Loops In High Priority Interrupt
Flash/EEPROM – First Read After Load Disturbed
C51 Core – Bad Exit of Power-down in X2 Mode
Timer0/1 Extra interrupt
Timer1 - Mode1 Does Not Generate Baud Rate Generator for UART
EEPROM – Lock-up during ISP write.
A/T89C51AC2 Errata History
A/T89C51AC2 Errata Description
1.
Flash/EEPROM – First Read After Write Disturbed
After a write of more than 32 bytes in the EEPROM and 16 bytes in the User Flash
memory, the read of the first byte may be disturbed if it occurs just after the write.
Workaround
Do not load/write more than 32 bytes at a time for EEPROM memory.
Do not load/write more than 16 bytes at a time for User Flash memory,
OR wait 10 ms before reading the first byte.
2.
Buffer Noise
Large bounces and high noise are generated when buffers are switching (both ris-
ing and falling edges).
Workaround
None.
3.
Double IT on External Falling Edge on INT1 or INT0 in X2 Mode
When the CPU is in X2 mode and Timer1 or Timer 0 in X1 mode (CKCON =
0x7F), IEx flag is not cleared by hardware after servicing interrupt. In this case,
the CPU executes the ISR a second time.
Workaround
The workaround is to clear IEx bit in Interrupt subroutine.
INT1_ISR :
; Interrupt sub routine
CLR IE1
....
Lot Number
Errata List
A00151
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14
A00369
1, 3, 4, 5, 6, 7, 8, 9,10, 11, 12, 13,14
A00367, A00368,
A00396 to A00529
1, 3, 5, 6, 7, 8, 9, 10, 11, 12, 13,14
A00510, all lots from A00588
1, 6, 7, 8, 9, 10, 11, 12, 13,14
80C51 MCUs
AT89C51AC2
T89C51AC2
Errata Sheet


Similar Part No. - T89C51AC2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2-RLSC-M ATMEL-T89C51AC2-RLSC-M Datasheet
440Kb / 117P
   8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLSE-M ATMEL-T89C51AC2-RLSE-M Datasheet
440Kb / 117P
   8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLSI-M ATMEL-T89C51AC2-RLSI-M Datasheet
440Kb / 117P
   8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLTC-M ATMEL-T89C51AC2-RLTC-M Datasheet
440Kb / 117P
   8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLTE-M ATMEL-T89C51AC2-RLTE-M Datasheet
440Kb / 117P
   8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
More results

Similar Description - T89C51AC2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
144Kb / 7P
   Flash/EEPROM ??First Read After Load Disturbed
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
logo
Renesas Technology Corp
SH7262 RENESAS-SH7262 Datasheet
322Kb / 45P
   High-speed Read/Write Serial Flash Memory
logo
Texas Instruments
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
[Old version datasheet]   Read This First
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com