Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD502_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD502_2015
Description  550 MHz, 18.5 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD502_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD502_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD502_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Philips Semiconductors – a worldwide company
Contact information
For additional information please visit http://www.semiconductors.philips.com.
Fax: +31 40 27 24825
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Printed in The Netherlands
613518/04/pp
8
Date of release:
2001 Nov 15
Document order number:
9397 750 08825


Similar Part No. - BGD502_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGD502 JMNIC-BGD502_15 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
More results

Similar Description - BGD502_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGD502 JMNIC-BGD502_15 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
BGD902 PHILIPS-BGD902 Datasheet
69Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 07-8 March 2005
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com