Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD712_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD712_2015
Description  750 MHz, 18.5 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD712_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD712_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD712_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001 Nov 02
6
Philips Semiconductors
Product specification
750 MHz, 18.5 dB gain power doubler amplifier
BGD712
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
4.15
3.85
2.4
38.1 25.4 10.2
4.2 44.75
8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
y M B
y M B
B
99-02-06
y M B


Similar Part No. - BGD712_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD712C PHILIPS-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18 dB gain push-pull amplifier
Rev. 01-2 May 2006
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
BGD712C NXP-BGD712C Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
BGD712C NXP-BGD712C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
More results

Similar Description - BGD712_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com