Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD714_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD714_2015
Description  750 MHz, 20.3 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD714_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD714_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Nov 02
4
Philips Semiconductors
Product specification
750 MHz, 20.3 dB gain power doubler amplifier
BGD714
Notes
1. Slope straight line is defined as gain at 750 MHz
− gain at 45 MHz.
2. Tilt = 7.3 dB (55 to 547 MHz).
3. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
4. Measured according to DIN45004B:
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo −6 dB;
fr = 749.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 738.25 MHz.
5. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
CSO
composite second
order distortion
112 channels flat; Vo = 44 dBmV;
fm = 746.5 MHz
−−−62
dB
79 channels flat; Vo = 44 dBmV;
fm = 548.5 MHz
−−−67
dB
79 channels; fm = 746.5 MHz;
Vo = 49.3 dBmV at 547 MHz; note 2
−−−60
dB
d2
second order distortion
note 3
−−−74
dB
Vo
output voltage
dim = −60 dB; note 4
64
−−
dBmV
NF
noise figure
f = 50 MHz
−−
5.5
dB
f = 550 MHz
−−
5.5
dB
f = 750 MHz
−−
7dB
Itot
total current
consumption (DC)
note 5
380
395
410
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - BGD714_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD714 JMNIC-BGD714_15 Datasheet
64Kb / 8P
   750 MHz, 20.3 dB gain power doubler amplifier
More results

Similar Description - BGD714_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD714 JMNIC-BGD714_15 Datasheet
64Kb / 8P
   750 MHz, 20.3 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD704 JMNIC-BGD704_15 Datasheet
65Kb / 12P
   750 MHz, 20 dB gain power doubler amplifier
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD704_2015 JMNIC-BGD704_2015 Datasheet
65Kb / 12P
   750 MHz, 20 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com