Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD215DE Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # SD215DE
Description  N-Channel Lateral DMOS FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SD215DE Datasheet(HTML) 3 Page - TEMIC Semiconductors

  SD215DE Datasheet HTML 1Page - TEMIC Semiconductors SD215DE Datasheet HTML 2Page - TEMIC Semiconductors SD215DE Datasheet HTML 3Page - TEMIC Semiconductors SD215DE Datasheet HTML 4Page - TEMIC Semiconductors SD215DE Datasheet HTML 5Page - TEMIC Semiconductors SD215DE Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SD211DE/SST211 Series
Siliconix
S-51850—Rev. F, 14-Apr-97
3
Specificationsa
Limits
211 Series
213 Series
215 Series
Parameter
Symbolb
Test Conditionsb
Typc
Min
Max
Min
Max
Min
Max
Unit
Dynamic
Forward
gfs
VDS = 10 V
SD Series
11
10
10
10
Forward
Transconductance
gfs
VDS = 10 V
VSB = 0 V
ID =20mA f=1kHz
SST Series
10.5
9
9
9
mS
Transconductance
gos
ID = 20 mA, f = 1 kHz
All
0.9
Gate Node
Capacitance
C(GS+GD+GB)
2.5
3.5
3.5
3.5
Drain Node
Capacitance
C(GD+DB)
VDS = 10 V
f=1MHz
SD Series
1.1
1.5
1.5
1.5
pF
Source Node
Ci
C(GS+SB)
f = 1 MHz
VGS = VBS = –15 V
3.7
5.5
5.5
5.5
pF
Capacitance
C(GS+SB)
VGS
VBS
15 V
SST Series
4.2
Reverse Transfer
Capacitance
Crss
SD Series
0.2
0.5
0.5
0.5
Switching
Turn-On Time
td(on)
SD S i
O l
0.5
1
1
1
Turn-On Time
tr
SD Series Only
VSB = 0 V, VIN 0 to 5 V, RG = 25 W
0.6
1
1
1
ns
Turn-Off Time
td(off)
VSB = 0 V, VIN 0 to 5 V, RG = 25 W
VDD = 5 V, RL = 680 W
2
ns
Turn-Off Time
tf
DD
,
L
6
Notes:
a.
TA = 25_C unless otherwise noted.
DMCBA
b.
B is the body (substrate), and (BR) is breakdown.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.


Similar Part No. - SD215DE

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD215DE CALOGIC-SD215DE Datasheet
29Kb / 2P
   High-Speed Analo N-Channel DMOS FETs
logo
Linear Integrated Syste...
SD215DE LINEAR-SD215DE Datasheet
513Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD215DE LINEAR-SD215DE Datasheet
511Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD215DE MICROSS-SD215DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
SD215DE MICROSS-SD215DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
More results

Similar Description - SD215DE

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
   N-Channel Depletion-Mode DMOS FETs
08/15/18
logo
Supertex, Inc
LNE150 SUTEX-LNE150 Datasheet
44Kb / 2P
   N-Channel Enhancement-Mode DMOS FETs
logo
Micross Components
SD211DE MICROSS-SD211DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SDSST211 LINEAR-SDSST211 Datasheet
511Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
   N-Channel Depletion Mode Lateral DMOS FET
logo
Micross Components
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com