Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO807_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGO807_2015
Description  870 MHz optical receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGO807_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGO807_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO807_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
3 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
3.
Ordering information
4.
Limiting values
5.
Characteristics
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BGO807
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input; 8 gold-plated in-line
leads
SOT115T
BGO807/FC0
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input with connector;
8 gold-plated in-line leads
SOT115X
BGO807/SC0
-
rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2
×
6-32 UNC and 2 extra horizontal mounting holes; optical input with connector;
8 gold-plated in-line leads
SOT115Y
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
f
frequency range
40
870
MHz
Tstg
storage temperature
−40
+85
°C
Tmb
operating mounting base
temperature
−20
+85
°C
Pin
optical input power
continuous
-
5
mW
ESD
ESD sensitivity
human body model;
R = 1.5 k
Ω; C = 100 pF
500
-
V
Table 5:
Characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134); bandwidth 40 MHz to 870 MHz; VB = 24 V;
Tmb =30 °C; ZL = 75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
S
responsivity
BGO807
λ = 1300 nm
800
-
-
V/W
BGO807/FC0; BGO807/SC0
λ = 1300 nm
750
-
-
V/W
FL
flatness straight line (peak to
valley)
f = 40 MHz to 870 MHz
-
-
1
dB
SL
slope straight line
f = 40 MHz to 870 MHz
0
-
2
dB
s22
output return losses
f = 40 MHz to 870 MHz
11
-
-
dB
optical input return losses
45
-
-
dB
d2
second order distortion
fm = 446.5 MHz
[1] [2]
--
−66
dB
fm = 746.5 MHz
[1] [3]
--
−61
dB
fm = 854.5 MHz
[1] [4]
--
−55
dB
d3
third order distortion
fm = 853.25 MHz
[5] [6]
--
−71
dB


Similar Part No. - BGO807_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807/FC0 PHILIPS-BGO807/FC0 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO807/SC0 PHILIPS-BGO807/SC0 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO807C NXP-BGO807C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGO807CE NXP-BGO807CE Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
More results

Similar Description - BGO807_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com