Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRTA80060R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRTA80060R
Description  Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRTA80060R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRTA80060R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRTA80060R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRTA80060R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 800 A
Features
• High Surge Capability
Heavy Three Tower Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MBRTA80045(R) MBRTA80060(R)
Unit
Repetitive peak reverse
voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
Silicon Power
Schottky Diode
Conditions
100
70
MBRTA80045 thru MBRTA800100R
MBRTA800100(R)
80
56
MBRTA80080(R)
• Isolation Type Package
• Types from 45 V to 100 V VRRM
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBRTA80045(R) MBRTA80060(R)
Unit
Average forward current
(per pkg)
IF(AV)
800
800
A
Maximum instantaneous
forward voltage (per leg)
0.72
0.78
11
10
10
50
50
Thermal characteristics
Thermal resistance,
junction - case (per leg)
R
ΘJC
0.25
0.25
°C/W
Tj = 100 °C
10
10
-55 to 150
-55 to 150
100
80
-55 to 150
MBRTA800100(R)
11
MBRTA80080(R)
0.25
Tj = 150 °C
0.25
0.84
0.84
50
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated
DC blocking voltage (per
leg)
IR
Tj = 25 °C
IFM = 400 A, Tj = 25 °C
Conditions
-55 to 150
VF
50
mA
V
TC = 100 °C
800
800
6000
6000
A
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
6000
6000
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRTA80060R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRTA800150 GENESIC-MBRTA800150 Datasheet
310Kb / 3P
   Silicon Power Schottky Diode
MBRTA800150R GENESIC-MBRTA800150R Datasheet
310Kb / 3P
   Silicon Power Schottky Diode
MBRTA80020 GENESIC-MBRTA80020 Datasheet
330Kb / 3P
   Silicon Power Schottky Diode
MBRTA800200 GENESIC-MBRTA800200 Datasheet
310Kb / 3P
   Silicon Power Schottky Diode
MBRTA800200R GENESIC-MBRTA800200R Datasheet
310Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBRTA80060R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
   Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
   Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
   Silicon Power Schottky Diode
MBRF400150 GENESIC-MBRF400150 Datasheet
478Kb / 3P
   Silicon Power Schottky Diode
MBRH12020 GENESIC-MBRH12020 Datasheet
406Kb / 3P
   Silicon Power Schottky Diode
MBRH240150 GENESIC-MBRH240150 Datasheet
360Kb / 3P
   Silicon Power Schottky Diode
MBRT50020 GENESIC-MBRT50020 Datasheet
463Kb / 3P
   Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRF30045 AMERICASEMI-MBRF30045 Datasheet
995Kb / 2P
   Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
   Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
   Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com