Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C31X2 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TS80C31X2
Description  8031 pin and instruction compatible
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS80C31X2_14 Datasheet HTML 4Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 5Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 6Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 7Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 8Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 9Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 10Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 11Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
4428E–8051–02/08
AT/TS80C31X2
Figure 6-2.
Mode Switching Waveforms
The X2 bit in the CKCON register (See Table 6-1.) allows to switch from 12 clock cycles per
instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD
mode). Setting this bit activates the X2 feature (X2 mode).
CAUTION
In order to prevent any incorrect operation while operating in X2 mode, user must be aware that
all peripherals using clock frequency as time reference (UART, timers) will have their time refer-
ence divided by two. For example a free running timer generating an interrupt every 20 ms will
then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate.
Reset Value = XXXX XXX0b
Not bit addressable
For further details on the X2 feature, please refer to ANM072 available on the web
(http://www.atmel-wm.com)
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode
Table 6-1.
CKCON Register
CKCON - Clock Control Register (8Fh)
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
X2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
X2
CPU and peripheral clock bit
Clear to select 12 clock periods per machine cycle (STD mode, F
OSC=FXTAL/2).
Set to select 6 clock periods per machine cycle (X2 mode, F
OSC=FXTAL).


Similar Part No. - TS80C31X2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2-ECAB ATMEL-TS80C31X2-ECAB Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAD ATMEL-TS80C31X2-ECAD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAR ATMEL-TS80C31X2-ECAR Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECBB ATMEL-TS80C31X2-ECBB Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECBD ATMEL-TS80C31X2-ECBD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Similar Description - TS80C31X2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C31X2 ATMEL-AT80C31X2_14 Datasheet
376Kb / 42P
   8031 pin and instruction compatible
AT80C54 ATMEL-AT80C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
80C32E ATMEL-80C32E_14 Datasheet
285Kb / 20P
   8032 Pin and Instruction Compatible
AT80C58X2 ATMEL-AT80C58X2_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
AT87C54 ATMEL-AT87C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
   Instruction set compatible with previous Blackfin products
logo
Texas Instruments
TMS320F TI-TMS320F Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com