Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC50D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GLC50D
Description  GLC50 Commercial/GLM50 Medical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLC50D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GLC50D Datasheet HTML 1Page - List of Unclassifed Manufacturers GLC50D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. To maintain specified regulation on multi-output models, output #1 load power must be at least 1/5th of, and not greater than 5 times output #2 load power.
C. Add “G” suffix to model number for RoHS compliant model.
Commercial
Model
Medical
Model
Output No.
Output
Current
Minimum
Load (B)
OVP Setpoint
Noise P-P
Total
Regulation (A)
GLC50A
GLM50A
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+12 V
2.5 A
120 mV
+10%,-5%
3
-12 V
0.2 A
120 mV
3%
GLC50B
GLM50B
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+15 V
2.5 A
150 mV
+10%,-5%
3
-15 V
0.2 A
150 mV
3%
GLC50D
GLM50 D
1
+5.05 V
4 A
0.8 A
6.2 ± 0.6 V
50 mV
2%
2
+24 V
1.5 A
240 mV
+10%,-5%
3
-12 V
0.2 A
120 mV
3%
GLC50G
GLM50G
1
+3.3 V
4 A
0.8 A
4.2 ± 0.6 V
33 mV
2%
2
+12 V
2.5 A
120 mV
+10%-5%
3
-12 V
0.2 A
120 mV
3%
GLC50-3.3
GLM50-3.3
1
3.3 V
8 A
0.2
4.2 ± 0.6 V
66 mV
2%
GLC50-5
GLM50-5
1
5.1 V
8 A
0.4
6.2 ± 0.6 V
75 mV
2%
GLC50-12
GLM50-12
1
12 V
4.2 A
0.2
14 ± 1.1 V
120 mV
2%
GLC50-15
GLM50-15
1
15 V
3.3 A
0.16
18.5 ± 1.5 V
150 mV
2%
GLC50-24
GLM50-24
1
24 V
2.1 A
0.1
28 ± 2.5 V
240 mV
2%
GLC50-28
GLM50-28
1
28 V
1.8 A
0.09
34.5 ± 2.8 V
280 mV
2%
GLC50-48
GLM50-48
1
48 V
1.1 A
0.05
54 ± 3.0 V
480 mV
2%
GLC50 MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 TO 50°C
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing condi-
tions before application of power. derate output current and total output
power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal
axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes. Tested for 10 min./axis operating and 1 hr./axis non-operating.


Similar Part No. - GLC50D

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50D SLPOWER-GLC50D Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GLC50D SLPOWER-GLC50D Datasheet
58Kb / 1P
   INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
GLC50D SLPOWER-GLC50D Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GLC50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
   INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
Cherry Semiconductor Co...
MW-2800 CHERRY-MW-2800 Datasheet
54Kb / 2P
   Industrial, Medical and Commercial Nema 4 rated Optical Mice with Scrolling buttons
logo
Power System Technology
FAB0105003 PST-FAB0105003 Datasheet
255Kb / 3P
   Medical
logo
Littelfuse
MG06200S-BN4MM LITTELFUSE-MG06200S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
FSP TECHNOLOGY INC.
FSP150-KBAM1 FSP-FSP150-KBAM1 Datasheet
147Kb / 1P
   Medical PSU
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
   Medical PSU
FSP135-KKAM1 FSP-FSP135-KKAM1 Datasheet
126Kb / 1P
   Medical PSU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com