Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF872_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF872_2015
Description  UHF power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF872_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BLF872_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF872_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BLF872_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 February 2006
7 of 16
Philips Semiconductors
BLF872
UHF power LDMOS transistor
7.1 Broadband operation data
Measured in a common-source broadband (470 MHz to 860 MHz) test circuit.
7.2 Ruggedness in class-AB operation
The BLF872 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 32 V; f = 860 MHz at rated
power.
Measured in a common-source broadband (470 MHz to 860 MHz) test circuit.
VDS = 32 V; IDq = 2 × 0.9 A; Th = 25 °C.
Black video signal, sync expansion:
input sync = 33 %; output sync
≥ 27 %.
VDS = 32 V; IDq = 2 × 0.9 A; Th = 25 °C.
Black video signal, sync expansion:
input sync = 33 %; output sync
≥ 27 %.
Fig 7.
Analog TV (black video signal) peak sync
output power Po(sync)M and average output
power PL(AV) as a function of frequency f
Fig 8.
Analog TV (black video signal) power gain Gp
and drain efficiency
ηD as a function of
frequency f
001aad749
f (MHz)
400
900
800
600
700
500
100
200
300
P
(W)
0
Po(sync)M
PL(AV)
001aad750
f (MHz)
400
900
800
600
700
500
10
5
15
20
Gp
(dB)
0
80
ηD
(%)
60
40
20
0
Gp
ηD


Similar Part No. - BLF872_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF872 NXP-BLF872 Datasheet
159Kb / 16P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results

Similar Description - BLF872_2015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com