Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7846_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MC-7846_2015
Description  870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7846_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7846_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
GaAs MULTI-CHIP MODULE
MC-7846
870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
DATA SHEET
Document No. PG10139EJ01V0DS (1st edition)
Date Published April 2002 CP(K)
Printed in Japan
NEC Compound Semiconductor Devices 2001, 2002
The mark
!
!
!
! shows major revised points.
DESCRIPTION
The MC-7846 is a GaAs Multi-chip Module designed for use in CATV applications up to 870 MHz. This unit has
low distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 22.0 dB MIN. @f = 870 MHz
• Low return loss
ORDERING INFORMATION
Part Number
Package
Supplying Form
MC-7846
7-pin special with heatsink
50 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7846
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
65.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C
Note In case of single tone
Caution
The IC must be handled with care to prevent static discharge because its circuit composed of
GaAs MES FET.


Similar Part No. - MC-7846_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7846-AZ CEL-MC-7846-AZ Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7846-AZ RENESAS-MC-7846-AZ Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

Similar Description - MC-7846_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7883 CEL-MC-7883 Datasheet
290Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com