Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS81C4X60 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMS81C4X60
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C4X60 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMS81C4X60 Datasheet HTML 7Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 8Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 9Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 10Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 11Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 12Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 13Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 14Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
HMS81C4x60
November 2001 Ver 1.1
9
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
TEST: Used for shipping inspection of the IC. For normal
operation, it should not be connected .
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
R00~R07: R0 is an 8-bit bidirectional I/O port. R0 pins 1
or 0 written to the Port Direction Register can be used as
outputs or inputs.
R10~R14: R1 is a 5-bit read only port. R1 pins 1 or 0 writ-
ten to the Port Direction Register can be used as inputs.
In addition, R1 serves the functions of the various follow-
ing special features.
R20~R25: R2 is a 6-bit CMOS bidirectional I/O port. Each
pins 1 or 0 written to the their Port Direction Register can
be used as outputs or inputs.
In addition, R2 serves the functions of the various follow-
ing special features.
R30~R37: R3 is 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R3 serves the functions of the various follow-
ing special features.
R40~R43: R4 is a 4-bit open drain I/O port. Each pins 1 or
0 written to the their Port Direction Register can be used as
outputs or inputs.
In addition, R4 serves the functions of the various follow-
ing special features.
R,G,B: R,G,B are output port. Each pins controls Red,
Green, Blue color control.
YM,YS: YM,YS are CMOS output port. Each pins con-
trols Background, Edge control.
HS,VS: HS,VS are CMOS input port. Each pins Vertical
Sync. input and Horizaltal Sync. inputs.
CVBS: CVBS is a CVBS(Composit Video in) signal input
pin.
Port pin
Alternate function
R10
R11
R12
R13
R14
AD0 (A/D converter input 0)
AD1 (A/D converter input 1)
AD2 (A/D converter input 2)
AD3 (A/D converter input 3)
AD4 (A/D converter input 4)
Port pin
Alternate function
R21
R22
R23
R24
R25
INT1 (External interrupt input 1)
INT2 (External interrupt input 2)
INT3 (External interrupt input 3)
EC2 (Event counter input 2)
EC3 (Event counter input 3)
Port pin
Alternate function
R30
R31
R32
R33
R34
R35
R36
R37
PWM0 (Pulse Width Modulation output 0)
PWM1 (Pulse Width Modulation output 1)
PWM2 (Pulse Width Modulation output 2)
PWM3 (Pulse Width Modulation output 3)
PWM4 (Pulse Width Modulation output 4)
PWM5 (Pulse Width Modulation output 5)
with 14bit resolution
BUZ (Buzzer output)
TMR1 (Timer Interrupt 1)
Port pin
Alternate function
R40
R41
R42
R43
SCL0 (I2C Clock 0)
SDA0 (I2C Data0)
SCL1 (I2C Clock 1)
SDA1 (I2C Data 1)
PIN NAME
Pin No.
In/Out
Function
VDD
9,13,30,
37
-
Supply voltage
VSS
14,29,
36,43
-
Circuit ground
Table 5-1 Port Function Description


Similar Part No. - HMS81C4X60

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
More results

Similar Description - HMS81C4X60

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com